Part Number Hot Search : 
UPC1688 5253B 073644 TXXNE1 TC74H 2SK48 TK25A20D M34D64
Product Description
Full Text Search
 

To Download MDR706F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDR706F
1.9GHz PHS Inter stage BPF
Characteristics
MDR706F
Zin/Zout Fc Pass Band Insertion Loss Ripple V.S.W.R Attenuation 50 ohm Nominal 1907MHz Nominal 1893-1919MHz 2.5 dB max (1893-1919MHz at 25 Deg.C) 2.8 dB max (1893-1919MHz at -40 up to +85 Deg.C) 0.5 dB max (1893-1919MHz) 2.0 max (1893-1919MHz) 40 dB min (at 1660MHz) 15 dB min (at 2139MHz)
Number of ordered pieces
2000pcs/Reel
Dimensions
Frequency Data1
Frequency Data2
Resist pattern
Land pattern
Terminal
0.2 0.4 0.8 0.15 0.6 ab e 2.0 0.25 0.25 c f d 50ohmLINE
Input Output GND
a=0.2 b=0.2 c=1.3 d=0.6 e=0.4 f=0.6 (Unit : mm)
Example : t=1.0mm Glass-epoxy board Glass-fluorine board (High Frequency)
Reflow-soldering conditions(For reference)
Taping Dimensions (Unit:mm)
Reel Dimensions (Unit:mm)


▲Up To Search▲   

 
Price & Availability of MDR706F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X